|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
ver a.0 5 5 m m m m v v i i o o l l e e t t l l e e d d OSV6YL5111A features outline dimension high luminous leds 5mm standard directivity superior weather-resistance uv resistant epoxy water clear type applications automotive dashboard lighting money detector back lighting other lighting 6 o j u n n 5 p m f s b o d f n n . * / . * / " / 0 % & $ " 5 ) 0 % & absolute maximum rating (ta=25 directivity item symbol value unit dc forward current i f 30 ma pulse forward current* i fp 100 ma reverse voltage v r 5 v power dissipation p d 114 mw operating temperature topr -30 ~ +85 storage temperature tstg -40 ~ +100 lead soldering temperature tsol 260 /5sec *pulse width max.10ms duty ratio max 1/10 electrical -optical charac teristics (ta=25 item symbol condition min. typ. max. 6 o j u dc forward voltage v f i f =20ma 3.0 3.4 3.8 v dc reverse current i r v r =5v - - 10 a peak wavelength p i f =20ma 410 415 420 nm radiant flux* f i f =20ma 2.0 5.0 6.0 mw 50% power angle 2 1/2 i f =20ma - 15 - deg * 1 tolerance of dominant wavelength is + 1nm * 2 tolerance of radiant flux is + 15% led & application technologies |
Price & Availability of OSV6YL5111A |